Part Number Hot Search : 
BXXGA STK419 A5WEF ST62E60B BR154 BXXGA DS2119ME FC154
Product Description
Full Text Search
 

To Download MA1040 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SHINDENGEN
Power Switching Regulators
MA1000 Series
MA1040
OUTLINE DIMENSIONS
Case : MA7 Unit : mm
RATINGS
Absolute Maximum Ratings Item
Storage Temperature Operating Temperature Junction Temperature Peak Input Voltage Input Current Maximum Operating Frequency Maximum Power Dissipation Dielectric Strength Insulation Resistance Fold Back Control Voltage Fold Back Control Current
Symbol Tstg Top Tj Vin Iin f(max) PD PD Vdis
Case Temperature
Conditions
Ratings
P Class N Class
Unit V A kHZ W W kV M V mA Unit mA V /W A V V
+,-,Fig.1 is Measurement Circuit of Peak Input Voltage Vin and Collector Cutoff Current ICEX.
Pulse Pulse Width 150s MAX, Duty1/2, Sawtooth Wave, Peak Value, +,-
Ta=25 Heatsink Tc=100 Terminals To Case AC 1 min Terminals To Case 500VDC VCONT(max) Fold Control Resistance=0Duty 1/2, , ICONT(max) -,+
-30125 -30125 -20125 -20125 150 150 850 850 4 4 200 200 3 3 14 14 2 2 100 100 8 8 100 100 Ratings
P Class N Class
Electrical Characteristics (Tc=25) Item Symbol
Collector Cutoff Current DC Current Gain Collector to Emitter Saturation Voltage Thermal Resistance Reverse Current Forward Voltage
Conditions
VCE=850V,Fig.1 is Measurement Circuit of Peak Input Voltage Vin and Collector Cutoff Current ICEX. ,+,-
Q1
ICEX hFE VCE(sat) jc IR VF VD(sat)
MAX 0.1
MAX 0.1
VCE = 5V, IC = 1.0A, ,,IB IC=1.0A, IB=0.2A, ,,IB Junction to Case VR=800V,+,IF=0.6A,-,+ IC=1.0A, IB=0.2A, ,
1326
816
D1
Driving Saturation Voltage
MAX 1.0 MAX 1.0 MAX 3.57 MAX 3.57 MAX 10 MAX 10 MAX 1.7 MAX 1.7 MIN 1.7 MIN 1.7 MAX 2.3 MAX 2.3
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
MA1040
Standard Operating ConditionDesign Standard For Application Circuit Item
Input Rated Voltage Output Nominal Wattage Output Nominal Voltage Output Nominal Current
Conditions
Ratings
P Class N Class
Unit V W V A
AC90274 AC90274 12 12 12 12 1 1
Standard Operating ConditionStandard Operating Characteristics Ta=25 Item Conditions
Minimum Input Full Load Output Voltage Maximum Input Light Load Output Voltage AC Input Voltage Over Current Protection
Foldback Current Short Circuit
Vin=90V, IO=1A Vin=274V, IO=0.1A IO=1A Vin=274V, VO=10V Vin=274V, RO=0.5 Vin=90274V, IO=0.11A
Ratings P Class N Class 12.00.6 12.00.6 12.00.6 12.00.6
MAX 85 MAX 1.6 MAX 85 MAX 1.6
Unit V V V A mV P-P Fig 2, Refer Fig 2, Refer Fig 2, Refer Fig 2, Refer
Nodamage To Any Device, Automatic Recovery.
Output Ripple Noise Figure in =Terminal Sign
MAX 150
MAX 150
Fig1. Measurement Circuit
Fig2. Output Voltage/Current
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
MA1040
Transient Thermal Impedance
1000
100
10
1
Transient Thermal Impedance jc(t) [C/W]
0.1
0.01 10-5 10-3
10-4
10-2
10-1
100
101
102
Time t [s]
MA1040
10
Forward Bias SOA
150s PT limit
50s
1
IS/B limit
Collector Current IC [A]
0.1
Tc = 25C Single Pulse 0.01 10 100 1000
Collector-Emitter Voltage VCE [V]
MA1040
100
Collector Current Derating
Collector Current Rating [%]
80 IS/B limit 60
40 PT limit 20
VCE = fixed 0 0 50 100 150
Junction Temperature Tj [C]
MA1040
5
Reverse Bias SOA
4
Collector Current IC [A]
3
2
1 IB1 = 0.25IC IB2 = 0.3A VBB2 = 5V Tc < 125C 0
0
200
400
600
800
Collector-Emitter Voltage VCE [V]
MA1040
hFE - I C
VCE = 5V
100
Tj = 150C
100C
50C 25C
10
0C
DC Current Gain hFE
-20C
1 0.001 0.01
0.1
1
Collector Current IC [A]


▲Up To Search▲   

 
Price & Availability of MA1040

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X